Part Number Hot Search : 
PC00249 9072A KTC2018 GJ9T18 GC1300 45H11 SB850FCT ST2309ES
Product Description
Full Text Search
 

To Download 2SC4833 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   
 
      

  
 
   !"     !"## $%!&'  
                              !      "  #  # "$  #    %  #  # %$ & # %   "  #  # %"$ '#    (       ) *  )  "   (  " +  "   ) *  ") &      (     )   , +  - . (   / #      0     + *#
  1 $ 2  1 3 4-567 4 56  %   /     2 ,+  7              %     #  # %$ 27   , 4
 & #   88   "$    # 
4   %$
4 %  88   %"$    # 
4  (  9  / :% # % , +#0   , +4   + / :%; # % , +#0   , 
     %      #  # % 2 7   , +4
4 # "   %      #  # "% 2 7  " , 4
4 # /       !     
-4'  <.     :1  8  # % , #0   , 4 =) -
>?        , +4
4-        " , 40  "+ , 
4-   :    8  ; , @  0 # ""+ , &#
4
1 10 100 2SC4833 0.001 0.01 0.1 1 10 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 v ce = 2v 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 tc = 150 c 100 c 50 c 25 c 0 c - 25 c - 55 c h fe - i c collector current i c [a] dc current gain h fe
0 0.5 1 1.5 2 2.5 3 2SC4833 0.01 0.1 1 0 0.5 1 1.5 2 2.5 3 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 i c = 0.5a 1a 2.5a 5a 10a tc = 25 c saturation voltage i c = 0.5a 1a 2.5a 5a 10a 4 base current i b [a] collector-emitter voltage v ce [v] base-emitter voltage v be [v]
10 100 1000 0 1 2 3 4 5 2SC4833 i b1 = 0.2i c i b2 = 0.4i c v bb2 = 4v v cc = 150v tc = 25 c t s t on t f switching time - i c collector current i c [a] switching time t sw [ns]
10 100 1000 0 50 100 150 2SC4833 i c = 2.5a i b1 = 0.5a i b2 = 1a v bb2 = 4v r l = 60 w t s t on t f switching time - tc case temperature tc [ c] switching time t sw [ns]
forward bias soa 0.01 0.1 1 10 10 100 2SC4833 100 m s tc = 25 c single pulse 200 m s 1ms 10ms 400 collector-emitter voltage v ce [v] collector current i c [a] p t limit i s/b limit
0 20 40 60 80 100 0 50 100 150 2SC4833 collector current derating collector current derating [%] v ce = fixed p t limit i s/b limit case temperature tc [ c]
0 2 4 6 8 10 0 100 200 300 400 500 2SC4833 i b1 = 0.2i c i b2 = 1a v bb2 = 5v tc < 150 c reverse bias soa collector-emitter voltage v ce [v] collector current i c [a]
transient thermal impedance 0.01 0.1 1 10 2SC4833 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 time t [s] transient thermal impedance q jc(t) [ c/w]


▲Up To Search▲   

 
Price & Availability of 2SC4833

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X